Part Number Hot Search : 
SB380H 1771127 1G125 D706AN SM2LZ47 09071 2SC535 K1120
Product Description
Full Text Search
 

To Download TLP175A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2014-05-26 rev.2.0 TLP175A 1 photocouplers photorelay TLP175A TLP175A TLP175A TLP175A start of commercial production 2012-08 1. 1. 1. 1. applications applications applications applications ? mechanical relay replacements ? security systems ? measuring instruments ? factory automation (fa) ? amusement equipment ? smart meters ? electricity meters 2. 2. 2. 2. general general general general the TLP175A photorelay consists of a photo mosfet optically coupled to an infrared light emitting diode. it is housed in a 4-pin so6 package. this photorelay requires 1ma of led current to turn it on. it is suitable for applications that need electrical power savings. 3. 3. 3. 3. features features features features (1) normally opened (1-form-a) (2) off-state output terminal voltage: 60 v (min) (3) trigger led current: 1 ma (max) (4) on-state current: 100 ma (max) (5) on-state resistance: 50 ? (max) (6) isolation voltage: 3750 vrms (min) (7) safety standards ul approved: ul1577, file no. e67349 cul approved: csa component acceptance service no. 5a file no.e67349 vde approved: en60747-5-5(note) note: when a en60747-5-5 approved type is needed, please designate "option(v4)" note: when a en60747-5-5 approved type is needed, please designate "option(v4)" note: when a en60747-5-5 approved type is needed, please designate "option(v4)" note: when a en60747-5-5 approved type is needed, please designate "option(v4)" 4. 4. 4. 4. packaging and pin assignment packaging and pin assignment packaging and pin assignment packaging and pin assignment 1: anode 3: cathode 4: drain 6: drain 11-4m1s
2014-05-26 rev.2.0 TLP175A 2 5. 5. 5. 5. internal circuit internal circuit internal circuit internal circuit fig. fig. fig. fig. 5.1 5.1 5.1 5.1 internal circuit internal circuit internal circuit internal circuit 6. 6. 6. 6. mechanical parameters mechanical parameters mechanical parameters mechanical parameters characteristics creepage distances clearance distances internal isolation thickness TLP175A 5.0 (min) 5.0 (min) 0.4 (min) unit mm 7. 7. 7. 7. absolute maximum ratings (note) (unless otherwise specified, t absolute maximum ratings (note) (unless otherwise specified, t absolute maximum ratings (note) (unless otherwise specified, t absolute maximum ratings (note) (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) led detector common characteristics input forward current input forward current derating input forward current (pulsed) input reverse voltage input power dissipation junction temperature off-state output terminal voltage on-state current on-state current derating on-state current (pulsed) output power dissipation junction temperature storage temperature operating temperature lead soldering temperature isolation voltage (t a 25 ) (100 s pulse, 100 pps) (t a 25 ) (t = 100 ms, duty = 1/10) (10 s) ac, 60 s, r.h. 60 % symbol i f ? i f / ? t a i fp v r p d t j v off i on ? i on / ? t a i onp p o t j t stg t opr t sol bv s note (note 1) rating 30 -0.3 1 5 50 125 60 100 -1.0 300 200 125 -55 to 125 -40 to 85 260 3750 unit ma ma/ a v mw v ma ma/ ma mw vrms note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook ("handling precautions"/"derating concept and methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: this device is considered as a two-terminal device: pins 1 and 3 are shorted together, and pins 4 and 6 are shorted together. note: this device is sensitive to electrostatic discharge (esd). extreme esd conditions should be guarded against by using proper antistatic precautions for the worktable, operator, solder iron, soldering equipment and so on.
2014-05-26 rev.2.0 TLP175A 3 8. 8. 8. 8. recommended operating conditions (note) recommended operating conditions (note) recommended operating conditions (note) recommended operating conditions (note) characteristics supply voltage input forward current on-state current operating temperature symbol v dd i f i on t opr note min 2 -20 typ. 5 max 48 15 80 65 unit v ma note: the recommended operating conditions are given as a design guide necessary to obtain the intended performance of the device. each parameter is an independent value. when creating a system design using this device, the electrical characteristics specified in this datasheet should also be considered. 9. 9. 9. 9. electrical characteristics (unless otherwise specified, t electrical characteristics (unless otherwise specified, t electrical characteristics (unless otherwise specified, t electrical characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) led detector characteristics input forward voltage input reverse current input capacitance off-state current output capacitance symbol v f i r c t i off c off note test condition i f = 10 ma v r = 5 v v = 0 v, f = 1 mhz v off = 60 v v = 0 v, f = 1 mhz min 1.1 typ. 1.27 50 10 max 1.4 10 1 unit v a pf a pf 10. 10. 10. 10. coupled electrical characteristics (unless otherwise specified, t coupled electrical characteristics (unless otherwise specified, t coupled electrical characteristics (unless otherwise specified, t coupled electrical characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) characteristics trigger led current return led current on-state resistance symbol i ft i fc r on note test condition i on = 100 ma i off = 100 a i on = 100 ma, i f = 2 ma, t < 1 s min 0.01 typ. 0.2 25 max 1 50 unit ma ma ? 11. 11. 11. 11. isolation characteristics (unless otherwise specified, t isolation characteristics (unless otherwise specified, t isolation characteristics (unless otherwise specified, t isolation characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) characteristics total capacitance (input to output) isolation resistance isolation voltage symbol c s r s bv s note (note 1) (note 1) (note 1) test condition v s = 0 v, f = 1 mhz v s = 500 v, r.h. 60 % ac, 60 s ac, 1 s in oil dc, 60 s, in oil min 1 10 12 3750 typ. 0.8 10 14 10000 10000 max unit pf ? vrms vdc note 1: this device is considered as a two-terminal device: pins 1 and 3 are shorted together, and pins 4 and 6 are shorted together. 12. 12. 12. 12. switching characteristics (unless otherwise specified, t switching characteristics (unless otherwise specified, t switching characteristics (unless otherwise specified, t switching characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) characteristics turn-on time turn-off time symbol t on t off note test condition see fig. 12.1. r l = 200 ? , v dd = 10 v, i f = 2 ma min typ. 1 1 max 5 5 unit ms fig. fig. fig. fig. 12.1 12.1 12.1 12.1 switching time test circuit switching time test circuit switching time test circuit switching time test circuit
2014-05-26 rev.2.0 TLP175A 4 13. 13. 13. 13. characteristics curves and circuit connections characteristics curves and circuit connections characteristics curves and circuit connections characteristics curves and circuit connections 13.1. 13.1. 13.1. 13.1. characteristics curves (note) characteristics curves (note) characteristics curves (note) characteristics curves (note) fig. fig. fig. fig. 13.1.1 13.1.1 13.1.1 13.1.1 i i i i f f f f - t - t - t - t a a a a fig. fig. fig. fig. 13.1.2 13.1.2 13.1.2 13.1.2 i i i i on on on on - t - t - t - t a a a a fig. fig. fig. fig. 13.1.3 13.1.3 13.1.3 13.1.3 i i i i f f f f - v - v - v - v f f f f fig. fig. fig. fig. 13.1.4 13.1.4 13.1.4 13.1.4 i i i i on on on on - v - v - v - v on on on on fig. fig. fig. fig. 13.1.5 13.1.5 13.1.5 13.1.5 r r r r on on on on - t - t - t - t a a a a fig. fig. fig. fig. 13.1.6 13.1.6 13.1.6 13.1.6 i i i i ft ft ft ft - t - t - t - t a a a a
2014-05-26 rev.2.0 TLP175A 5 fig. fig. fig. fig. 13.1.7 13.1.7 13.1.7 13.1.7 t t t t on on on on , t , t , t , t off off off off - i - i - i - i f f f f fig. fig. fig. fig. 13.1.8 13.1.8 13.1.8 13.1.8 t t t t on on on on , t , t , t , t off off off off - t - t - t - t a a a a fig. fig. fig. fig. 13.1.9 13.1.9 13.1.9 13.1.9 i i i i off off off off - v - v - v - v off off off off fig. fig. fig. fig. 13.1.10 13.1.10 13.1.10 13.1.10 i i i i off off off off - t - t - t - t a a a a note: the above characteristics curves are presented for reference only and not guaranteed by production test, unless otherwise noted.
2014-05-26 rev.2.0 TLP175A 6 package dimensions package dimensions package dimensions package dimensions unit: mm weight: 0.08 g (typ.) package name(s) toshiba: 11-4m1s
2014-05-26 rev.2.0 TLP175A 7 restrictions on product use restrictions on product use restrictions on product use restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collectively "toshiba"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact ("unintended use"). ("unintended use"). ("unintended use"). ("unintended use"). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for if you use product for if you use product for if you use product for unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for any infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. ? gaas (gallium arsenide) is used in product. gaas is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose gaas in product. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitation, the japanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-export of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TLP175A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X